|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DO - 4 Silicon Power Diode PSM/PSMR 25 IF(AV) = 25 A VRRM = 100 - 1600 V Preliminary Data Sheet max.repetitive peak voltage V RRM (V) 100 200 400 600 800 1000 1200 1400 1600 max.RMS max. DC reverse voltage blocking voltage V R(RMS) (V) 70 140 280 420 560 700 840 980 1120 VR recommended RMS working voltage Type without terminal lead (V) 100 200 400 600 800 1000 1200 1400 1600 (V) 40 80 160 240 320 400 480 560 640 PSM/PSMR 25/01L PSM/PSMR 25/02L PSM/PSMR 25/04L PSM/PSMR 25/06L PSM/PSMR 25/08L PSM/PSMR 25/10L PSM/PSMR 25/12L PSM/PSMR 25/14L PSM/PSMR 25/16L Symbol Conditions IF(AV) I FSM I FRM I2t IR(AV) V FM RthJC TVJ TVJM Tstg Md TC = 140C TVJ = 45C t = 10 ms max. peak cycle repetitive surge current max. I2t rating (non-rep.) for 5 to 10 ms Maximum Ratings 25 400 150 800 A A A A2s A V K/W C C C mkg mkg g DO - 4 PSM/PSMR 25 max. average reverse leakage current at VRRM; TC = 25C 150 max. peak forward voltage drop @ rated 1F(AV) 1.35 max. thermal resistance junction to case 0.80 operating junction temperature -65... + 150 max. virtual junction temperature 150 storage temperature -65... + 200 mounting torque min. 0.14 (non-lubricated threads) max. 0.17 Weight typ. 7 Features * All Diffused Series * Available in Normal & Reverse Polarity * Industrial Grade * Available in Avalanche Characteristic 2005 POWERSEM reserves the right to change limits, test conditions and dimensions POWERSEM GmbH, Walpersdorfer Str. 53 D - 91126 Schwabach Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20 |
Price & Availability of PSMR25 |